PART |
Description |
Maker |
LT1587CM-1.5 LT1587-1.5 LT1587CT-1.5 LT1587CM-1.5T |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
|
LINEAR TECHNOLOGY CORP
|
SPX29150 SPX29150T SPX29150T-1.8 SPX29150T-2.5 SPX |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A的高电流低压差稳压器可调 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A的低压差线性稳压器可调 128 x 128 pixel format, LED or EL Backlight available 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A Low Dropout Voltage Regulator, 1%
|
Electronic Theatre Controls, Inc. SIPEX[Sipex Corporation]
|
AS2830 AS2830YR-X AS2830AT AS2830AR-3.3 AS2830YU-X |
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response PositiveFixedVoltageRegulator 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 Positive Adjustable Voltage Regulator 积极可调电压稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation]
SIPEX
Cypress Semiconductor, Corp. Analog Devices, Inc.
|
LT1585ACT-3.3PBF LT1585A-3.3-15 |
5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3
|
Linear Technology, Corp.
|
APL1117D-50VC-TRL APL1117D-50VC-TUL APL1117R-50VC- |
1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V 1A低压差稳压器快速反应积极固3.3V.0V 1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V 1A低压差稳压器快速反应积极固.3V5.0V
|
Anpec Electronics Corporation Anpec Electronics, Corp.
|
APL1087E-18VC-TR APL1087E-25VC-TU APL1087E-VC-TR A |
1.8 V, 800 mA low dropout fast response positive adjustable regulator and fixed 2.5 V, 800 mA low dropout fast response positive adjustable regulator and fixed Adj, 800 mA low dropout fast response positive adjustable regulator and fixed 3.3 V, 800 mA low dropout fast response positive adjustable regulator and fixed
|
ANPEC Electronics Corporation
|
APL1085-33UC-TR APL1085-33UC-TU APL1085-UC-TR APL1 |
3.3 V, 3 A low dropout fast response positive adjustable regulator and fixed 3.3 V Adj, 3 A low dropout fast response positive adjustable regulator and fixed 3.3 V
|
ANPEC Electronics Corporation
|
SPX1581 SPX1581T SPX1581T-2.5 SPX1581T-2.8 SPX1581 |
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed 5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed 5A条超低压降稳压器快速响应,可调
|
SIPEX[Sipex Corporation] Rohm Co., Ltd.
|
LT1764ETPBF LT1764EFE-2.5TR LT1764EQPBF 1764EFE15 |
3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PDSO16 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A, Fast Transient Response, Low Noise,LDO Regulators 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AT1117-28Y AT1117-25Y AT1117-28V AT1117-25V AT1117 |
1A Low Dropout Fast Response Positive Adjustable Regulator 1A低压差快速反应积极可调稳压器
|
Aimtron Technology Corp. AIMTRON[Aimtron Technology]
|